Part Number Hot Search : 
25L5121 SFH614 PO0R4 2060CT CY7C102 TSC426 B3912 MC13020P
Product Description
Full Text Search
 

To Download 20200001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telecom Fuses
SSU 5x20
www.schurter.com/pg0_3
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
IEC 60127-2 * 250 VAC * Time-Lag T
Description Standards
-CeramicTube -IEC60127-2/5 -UL248-14 -CSAC22.2no.248.14 -TelcordiaGR-1089 -UL60950/IEC60950 -ITU-TK.20andK.21 -TIA-968-A
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Approvals
-VDELicenseNumber:40014395 -ULFileNumber:E41599
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Tube Material:Endcaps UnitWeight StorageConditions ProductMarking 250VAC 0.25-3.15A 1500A Time-LagT Fuseholder/Clip -40Cto85C 40/085/21acc.toIEC60068-1 Ceramic Nickel-PlatedCopperAlloy 1g 0Cto60C,max.70%r.h. ,Current,Voltage,Characteristic, BreakingCapacity,Approvals 20mm
Dimensions
10 0.2
+0.1 -0.2
o 5.2
20 0.5
Pre-Arcing Time
Rated Current In 0.5A-6.3A .5 x In min. 2. x In max. 60min 30min 2.75 x In min. 250ms 2.75 x In max. 80s 4.0 x In min. 4.0 x In max. 50ms 5s 0.0 x In min. 5ms 0.0 x In max. 150ms
Fuses
SSU 5x20
www.schurter.com/pg0_3 Variants
Rated Current [A] Rated Voltage [VAC] Voltage Drop .0 In typ. [mV] 360 330 260 180 150 130 120 100 100 Power Dissipation .5 In typ. [mW] 500 500 500 500 500 500 600 600 800 Melting It 0.0 Intyp. [As] 0.5 1.55 2.3 1.1 1.86 4.35 9.2 11.7 33.7 GR-089CORE [A] UL60950 ITU - Light- ITU ning Surge Power [A] Induc27.7 57 67 57 67 67 67 67 67 l l l l l l l l l ITU - Power Contact [A] Order Number
Telecom Fuses
0.5 0.63 0.8 1 1.25 1.6 2 2.5 3.15 1)1500A@250VAC
250 250 250 250 250 250 250 250 250
>14.0 >14.0 >14.0 >14.0 >14.0 >14.0 >14.0 >14.0 >14.0
l l l l l l l l l
1500.0 1500.0 1500.0 1500.0 1500.0 1500.0 1500.0 1500.0 1500.0
2020.0001 2020.0002 2020.0003 2020.0004 2020.0005 2020.0006 2020.0007 2020.0008 2020.0009
Packaging Unit
PlasticBag(10pcs.)
[Kennlinien]
100000 0.8 A 10000 1 - 3.15 A 4 - 10 A > _ 12.5 A
1000
100
TimeinSeconds
10
1
0.1
0.01
0.001 1
10
MultipleofRatedCurrentIn
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 20200001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X